Part Number Hot Search : 
IRFF430R AL8807A DD870 HEF4019B A9108 B66305 FAN7530 74LS43
Product Description
Full Text Search
 

To Download DNV40-11013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.pairuigroup.com page: 1 / 4 date: 12/18/2013 dc-dc converter dip-package dnv-40 series, 40watt, 2:1 input range features:    3 years warranty    1500vac isolation voltage    six-side shielded metal case with low ripple and noise    operating temperature range -40c to +85c    over voltage, over current, short circuit protection    remote on/off    adjustable output voltage model input voltage (vdc) output voltage (vdc) output current (a) efficiency typ. dnv40-1211 12(9~18) 5.1 8 86% dnv40-1212 12.1 3.3 86% dnv40-1213 15.1 2.67 89% dnv40-2411 24(18~36) 3.3 8 88% dnv40-2412 12.1 3.3 90% dnv40-2413 15.1 2.67 90% dnv40-2414 24.2 1.67 89% dnv40-2415 48.2 0.83 87% dnv40-4811 48(36~72) 5.1 8 90% dnv40-4812 12.1 3.3 90% dnv40-4813 15.1 2.67 90% dnv40-4814 24.2 1.67 89% dnv40-4815 48.2 0.83 87% dnv40-11011 110(66~160) 5.1 8 90% dnv40-11012 12.1 3.3 90% DNV40-11013 15.1 2.67 90% dnv40-11014 24.2 1.67 89% notes: 1. other input and output models may available on request; 2. you may request for the models with heatsink, plus r in th e suffix, e.g. dnv40-1211r.
www.pairuigroup.com page: 2 / 4 date: 12/18/2013 dc-dc converter dip-package dnv-40 series, 40watt, 2:1 input range electrical input voltage range 12v 9-18vdc 24v 18-36vdc 48v 36-72vdc 110v 60-166vdc remote control rem left open rem connect with -vin output on output off input under voltage protection when input voltage is lower than the low terminal input voltage auto-recovery output voltage accuracy --- 1% output voltage adjustable --- 10% max. line regulation nominal load, full voltage 0.2% max. load regulation 20% ~ 100% rated load 0.5% max. dynamic response (transient/recovery time) 5%-50%-75% load capability ?vo/?t: 5.0%/400s ripple and noise 20mhz bm, full load 1% vout max. isolation voltage (<2ma/min) input to output 1500vac input to case 1500vac output to case 500vac isolation resistance 500vdc 100m temperature coefficient --- 0.02%/c max. operating temperature range auxiliary heat sink -40c to +85c storage temperature range --- -45c to +120c over current protection --- auto-recovery short circuit protection --- continuous auto-recovery over voltage protection --- auto-recovery weight --- 60g relative humidity --- 10%-90% max. mtbf bellcore tr-332, 25c 2x10 5 hrs notes: unless otherwise specified, all the parameters of th e test conditions are as follows: ambient temperature 25 , the nominal input voltage, pure resistive nominal load.
www.pairuigroup.com page: 3 / 4 date: 12/18/2013 dc-dc converter dip-package dnv-40 series, 40watt, 2:1 input range mechanical without heatsink with heatsink pcb layout connection pin # single 1 +vin 2 -vin 4 rem 5 no pin 6 +vo 7 gnd 8 adj note: * unit is mm(inch).
www.pairuigroup.com page: 4 / 4 date: 12/18/2013 dc-dc converter dip-package dnv-40 series, 40watt, 2:1 input range temperature profile capacitive loads selection vout: 3.3v 5v vout: 12v 5v vout: 24v recommended value max. value recommended value max. value recommended value max. value 4700f 10000f 1000f 2200f 470f 1000f notes recommended test and application circuit 1. tvs&fuse be helpful with over voltage protection and inru sh limiting. recommended fuse better be 1.5~2times of the rated current . 2. the input filter capacitor c6 could select the aluminum el ectrolytic capacitors or tantalum capacitors, and the withstand voltage should be greater than the highest input v oltage. recommended capacitor should be between 22f~100f. 3. c1,c2 for the input filter capacitor,0.1~1f high-frequ ency ceramics capacitor or chip capacitor are recommended. the withstand voltage of output filter c5, c7 should be greater t han the highest output voltage. recommended capacitor of c7 better within 100f and c5 connected with the chip to reduc e the input voltage peak, recommended 0.1~1f high-frequency ceramics capacitor or chip capacitor.


▲Up To Search▲   

 
Price & Availability of DNV40-11013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X